Part Number Hot Search : 
M5122 BV03CL JS5822 74VCX16 AOT404 BZX84C13 SPB80 DB103
Product Description
Full Text Search
 

To Download 2N2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
2N2905A 2N2907A
SMALL SIGNAL PNP TRANSISTORS
DESCRIPTION The 2N2905A and 2N2907A are silicon Planar Epitaxial PNP transistors in Jedec TO-39 (for 2N2905A) and in Jedec TO-18 (for 2N2907A) metal case. They are designed for high speed saturated switching and general purpose applications.
TO-18
TO-39
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM P tot Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5 ms) Total Dissipation at T amb 25 o C for 2N2905A for 2N2907A at T C 25 o C for 2N2905A for 2N2907A Storage Temperature Max. Operating Junction Temperature Value -60 -60 -5 -0.6 -0.8 0.6 0.4 3 1.8 -65 to 175 175 Unit V V V A A W W W W
o o
T stg Tj
C C 1/7
February 2003
2N2905A/2N2907A
THERMAL DATA
TO-39 R thj-case R thj-amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 50 250 TO-18 83.3 375
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I CEX I BEX V (BR)CBO Parameter Collector Cut-off Current (I E = 0) Collector Cut-off Current (V BE = 0.5V) Base Cut-off Current (V BE = 0.5V) Collector-Base Breakdown Voltage (I E = 0) Test Conditions V CB = -50 V V CB = -50 V V CE = -30 V V CE = -30 V I C = -10 A -60 T j = 150 o C Min. Typ. Max. -10 -10 -50 -50 Unit nA A nA nA V
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
I C = -10 mA
-60
V
I E = -10 A
-5
V
V CE(sat) V BE(sat) h FE
I C = -150 mA I C = -500 mA I C = -150 mA I C = -500 mA IC IC IC IC IC = = = = = -0.1 mA -1 mA -10 mA -150 mA -500 mA
I B = -15 mA I B = -50 mA I B = -15 mA I B = -50 mA V CE = -10 V CE = -10 V CE = -10 V CE = -10 V CE = -10 V V V V V 75 100 100 100 50 200
-0.4 -1.6 -1.3 -2.6
V V V V
300 MHz 30 8 10 40 80 30 45 100 pF pF ns ns ns ns ns ns
fT C EBO C CBO t d t r t s t f t on t off
Transition Frequency Emitter-Base Capacitance Collector-Base Capacitance Delay Time Rise Time Storage Time Fall Time Turn-on Time Turn-off Time
V CE = -20 V I C = -50 mA IC = 0 IE = 0
f = 100 MHz f = 1MHz f = 1MHz
V EB = -2 V V CB = -10 V
V CC = -30 V I B1 = -15 mA V CC = -30 V I B1 = -15 mA
I C = -150 mA I C = -150 mA
V CC = -6 V I C = -150 mA I B1 = -IB2 = -15 mA V CC = -6 V I C = -150 mA I B1 = -IB2 = -15 mA V CC = -30 V I B1 = -15 mA I C = -150 mA
V CC = -6 V I C = -150 mA I B1 = -IB2 = -15 mA
* Pulsed: Pulse duration = 300 s, duty cycle 1 % ** See test circuit
2/7
2N2905A/2N2907A
Normalized DC Current Gain. Collector Emitter Saturation Voltage.
Collector Base and Emitter-base capacitances.
Switching Characteristics.
3/7
2N2905A/2N2907A
Test Circuit for ton, tr, td.
PULSE GENERATOR : tr 2.0 ms Frequency = 150 Hz Zo = 50
TO OSCILLOSCOPE : tr < 5.0 ns ZIN > 10 M
Test Circuit for toff, to, tf.
PULSE GENERATOR : tr 2.0 ns Frequency = 150 Hz Zo = 50
TO OSCILLOSCOPE : tr < 5.0 ns ZIN > 100 M
4/7
2N2905A/2N2907A
TO-18 MECHANICAL DATA
mm DIM. MIN. A B D E F G H I L 45o 2.54 1.2 1.16 45o TYP. 12.7 0.49 5.3 4.9 5.8 0.100 0.047 0.045 MAX. MIN. TYP. 0.500 0.019 0.208 0.193 0.228 MAX. inch
G I H
E F
D
A
L C
B
0016043
5/7
2N2905A/2N2907A
TO-39 MECHANICAL DATA
mm DIM. MIN. A B D E F G H I L 5.08 1.2 0.9 45o (typ.) 12.7 0.49 6.6 8.5 9.4 0.200 0.047 0.035 TYP. MAX. MIN. 0.500 0.019 0.260 0.334 0.370 TYP. MAX. inch
G I H
D
A
L
F
E
B
P008B
6/7
2N2905A/2N2907A
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of 2N2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X